| Moteur de recherche de fiches techniques de composants électroniques |
|
CS9236 Fiches technique(PDF) 26 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS9236 Fiches technique(HTML) 26 Page - Cirrus Logic |
|
26 / 34 page ![]() CS9236 26 DS214PP11 Channel Mode Messages (Continued) OMNI MODE ON (Controller 125) BnH 7DH 00H n = MIDI channel number 0 - FH (1 - 16) The CS9236 responds to the OMNI MODE ON message as if it were an ALL NOTES OFF message (See ALL NOTES OFF). The specified channel remains in OMNI OFF mode (All channels operate only in OMNI OFF mode in the CS9236). MONO MODE ON (Controller 126) BnH 7EH mmH n = MIDI channel number 0 - FH (1 - 16) mm = number of mono 00 - 10H (0 - 16) <ignored> On receipt of the MONO MODE ON message, the CS9236 performs ALL SOUNDS OFF on the specified MIDI channel (see description of ALL SOUNDS OFF message), and the specified channel is set to Mode 4 (OMNI OFF/MONO). In mode 4, the specified channel will respond to MIDI messages monophonically (it can only play one MIDI note at a time). In this mode, if a NOTE ON message is received on the specified MIDI channel while a note is already sounding, the new note will be played while the old/ongoing note is forced into the release phase of it’s amplitude envelope (the notes will overlap for the duration of the release phase of the older note). POLY MODE ON (Controller 127) BnH 7FH 00H n = MIDI channel number 0 - FH (1 - 16) On receipt of the POLY MODE ON message, the CS9236 performs ALL SOUNDS OFF on the specified MIDI channel (see description of ALL SOUNDS OFF message), and the specified channel is set to Mode 3 (OMNI OFF/POLY). In mode 3, the specified channel will respond to MIDI messages polyphonically (it can play multiple MIDI notes simulta- neously). Mode 3 is the default mode of operation for each MIDI channel in the CS9236. |