| Moteur de recherche de fiches techniques de composants électroniques |
|
CS9236 Fiches technique(PDF) 22 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS9236 Fiches technique(HTML) 22 Page - Cirrus Logic |
|
22 / 34 page ![]() CS9236 22 DS214PP11 Control Change Messages (Continued) REGISTERED PARAMETER NUMBER (RPN) (CONTROLLERS 100 and 101) BnH 65H mmH BnH 64H llH n = MIDI channel number 0 - FH (1 - 16) mm = RPN parameter number (MSB) ll = RPN parameter number (LSB) MIDI “Registered Parameter” data is transmitted to the CS9236 using controller numbers 100 (Registered Parameter LSB), 101 (Registered Parameter MSB), 6 (Data Entry MSB), and 38 (Data Entry LSB). To transfer parameter data to the CS9236, the parameter number for the parameter to be updated is first selected using MIDI Controllers 100 and 101, and then the data value for the selected parameter is transmitted using controller numbers 6 and 38. The CS9236 recognizes MIDI Registered Parameter Numbers 00 (PITCH BEND SENSITIVITY), 01 (FINE TUNING), and 02 (COURSE TUNING) as described in the following paragraphs. |