| Moteur de recherche de fiches techniques de composants électroniques |
|
CS9236 Fiches technique(PDF) 18 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS9236 Fiches technique(HTML) 18 Page - Cirrus Logic |
|
18 / 34 page ![]() CS9236 18 DS214PP11 Channel Voice Messages (Continued) PITCH BEND CHANGE EnH llH mmH n = MIDI channel number 0 - FH (1 - 16) mm,ll = value 00,00 - 40,00 - 7FH,7FH (-8192 - 0 - 8192) The PITCH BEND CHANGE message is used to control a pitch offset from the values specified in the NOTE ON messages received on the specified channel. The PITCH BEND CHANGE message applies to all notes on the specified channel. The default value for PITCH BEND CHANGE is zero. The pitch bend range is set by the PITCH BEND SENSITIVITY message (MIDI Controller 00). The default pitch bend range is +/- 2 semitones (a PITCH BEND CHANGE value of 8192 would result in a pitch change of +2 semitones). The maximum pitch bend range is +/- 24 semitones (see PITCH BEND SENSI- TIVITY message description). |