Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AA3528VRBXS/A-SC-AMT Fiches technique(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No de pièce AA3528VRBXS/A-SC-AMT
Description  3.5 x 2.8 mm Surface Mount LED Lamp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AA3528VRBXS/A-SC-AMT Fiches technique(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AA3528VRBXS/A-SC-AMT Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAL5014 / 1201007473 Rev No: V.5B Date: 09/27/2017
Page 1 / 6
Part Number
Emitting Color
(Material)
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Code.
Min.
Max.
2θ1/2
AA3528VRBXS/A-SC-AMT
■ Blue (InGaN)
T
700
1000
120°
U
1000
1300
V
1300
1600
DESCRIPTIONS
The source color devices are made with InGaN
Light Emitting Diode
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
Single color
Suitable for all SMD assembly and solder process
Available on tape and reel
Ideal for backlighting
Package: 2000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Traffic signaling
Backlighting (illuminated advertising , general
lighting)
Interior and exterior automotive lighting
Substitution of micro incandescent lamps
Reading lamps
Signal and symbol luminaire for orientation
Marker lights (e.g. Steps, exit ways, etc)
Decorative and entertainment lighting
Indoor and outdoor commercial and residential
architectural lighting
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
SELECTION GUIDE
AA3528VRBXS/A-SC-AMT
3.5 x 2.8 mm Surface Mount LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Numéro de pièce similaire - AA3528VRBXS/A-SC-AMT

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
AA3528VRBXS-A-SC-AMT KINGBRIGHT-AA3528VRBXS-A-SC-AMT Datasheet
333Kb / 6P
3.5 x 2.8 mm Surface Mount LED Lamp
More results

Description similaire - AA3528VRBXS/A-SC-AMT

FabricantNo de pièceFiches techniqueDescription
logo
HK TO-GRACE TECHNOLOGY ...
AAA3528LSEKJ3ZGKQBKS TO-GRACE-AAA3528LSEKJ3ZGKQBKS Datasheet
1Mb / 5P
3.5 x 2.8 mm Surface Mount LED Lamp
AAA3528QWDSURKS TO-GRACE-AAA3528QWDSURKS Datasheet
956Kb / 5P
3.5 x 2.8 mm Surface Mount LED Lamp
AAA3528QWDSYKS-AMT TO-GRACE-AAA3528QWDSYKS-AMT Datasheet
1Mb / 6P
3.5 x 2.8 mm Surface Mount LED Lamp
AM2520QBC-D03 TO-GRACE-AM2520QBC-D03 Datasheet
823Kb / 4P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528LZGCKT TO-GRACE-AA3528LZGCKT Datasheet
870Kb / 4P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528SECKT-J3 TO-GRACE-AA3528SECKT-J3 Datasheet
866Kb / 4P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528SESK-J3 TO-GRACE-AA3528SESK-J3 Datasheet
901Kb / 4P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528SYCKT-AMT TO-GRACE-AA3528SYCKT-AMT Datasheet
979Kb / 5P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528VR41S-W2 TO-GRACE-AA3528VR41S-W2 Datasheet
852Kb / 5P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528VR41S-W2-AMT TO-GRACE-AA3528VR41S-W2-AMT Datasheet
1Mb / 6P
3.5 x 2.8 mm Surface Mount LED Lamp
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com