Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AA3528VRBXS/A-SC-AMT Fiches technique(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No de pièce AA3528VRBXS/A-SC-AMT
Description  3.5 x 2.8 mm Surface Mount LED Lamp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AA3528VRBXS/A-SC-AMT Fiches technique(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AA3528VRBXS/A-SC-AMT Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAL5014 / 1201007473 Rev No: V.5B Date: 09/27/2017
Page 3 / 6
0°
15°
30°
45°
60°
90°
75°
0°
75°
60°
45°
30°
15°
90°
0.5
1.0
0.0
Ta = 25 °C
TECHNICAL DATA
BLUE
SPATIAL DISTRIBUTION
AA3528VRBXS/A-SC-AMT
0.1
1
10
100
2.0
2.4
2.8
3.2
3.6
4.0
Ta = 25 °C
Forward voltage (V)
0.01
0.1
1
10
110
100
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
-40 -20
0
20 406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
204060 80 100
Ambient temperature (°C)
CIE CHROMATICITY DIAGRAM
x
y
BSC1
0.1861
0.2232
0.1813
0.2021
0.1993
0.1957
0.2040
0.2163
BSC2
0.1813
0.2021
0.1767
0.1819
0.1947
0.1760
0.1993
0.1957
BSC3
0.1767
0.1819
0.1723
0.1626
0.1903
0.1572
0.1947
0.1760
Notes:
Shipment may contain more than one chromaticity regions.
Orders for single chromaticity region are generally not accepted.
Measurement tolerance of the chromaticity coordinates is ±0.01.
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
x
y
BSC1
BSC2
BSC3
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com