Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AA3528VRBXS/A-SC-AMT Fiches technique(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No de pièce AA3528VRBXS/A-SC-AMT
Description  3.5 x 2.8 mm Surface Mount LED Lamp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Site Internet  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AA3528VRBXS/A-SC-AMT Fiches technique(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AA3528VRBXS/A-SC-AMT Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAL5014 / 1201007473 Rev No: V.5B Date: 09/27/2017
Page 4 / 6
AA3528VRBXS/A-SC-AMT
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.
HANDLING PRECAUTIONS
Compare to epoxy encapsulant that is hard and brittle, silicone is softer and flexible. Although its characteristic significantly reduces thermal stress, it is
more susceptible to damage by external mechanical force. As a result, special handling precautions need to be observed during assembly using silicone
encapsulated LED products. Failure to comply might lead to damage and premature failure of the LED.
2. Do not directly touch or handle the silicone lens
surface. It may damage the internal circuitry.
1. Handle the component along the
side surfaces by using forceps or
appropriate tools.
3. Do not stack together assembled
PCBs containing exposed LEDs.
Impact may scratch the silicone lens
or damage the internal circuitry.
4-1. The inner diameter of the SMD pickup nozzle should not exceed the size of the LED to prevent air leaks.
4-2. A pliable material is suggested for the nozzle tip to avoid scratching or damaging the LED surface during pickup.
4-3. The dimensions of the component must be accurately programmed in the pick-and-place machine to insure
precise pickup and avoid damage during production.
5. As silicone encapsulation is permeable to gases, some corrosive substances such as H2S might corrode silver
plating of leadframe. Special care should be taken if an LED with silicone encapsulation is to be used near such
substances.



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com