Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFT430C Fiches technique(PDF) 2 Page - SHOUDING Shouding Semiconductor

No de pièce SFT430C
Description  USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHOUDING [SHOUDING Shouding Semiconductor]
Site Internet  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SFT430C Fiches technique(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SFT430C Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SFT430C Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SFT430C Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SFT430C Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SFT430C Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SFT430C Datasheet HTML 6Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SFT430C
ES
Figure 1. Pin Assignment of SFT430C
ES6: SOT
SFT430C
Pin Assignments
6 Package(SOT-23-6)
S
(Marking)
2
1
3
6
4
5
GND FBO
D+
D-
QC_EN
VDD
Ordering Information
Package Type
-23-6
Functional Pin Description
Pin Name
Pin No.
(SOT-23-6)
Pin Function
D+
1
USB D+ data line input pin. Recommended this pin connect without resistors(open) or with a resistor
higher than 1M
Ω connect to GND.
GND
2
Ground pin.
FBO
3
Feedback output pin. Current Sink/Source FB Node.
QC_EN
4
QC_Enable: High-Z with QC2.0/3.0 and FCP function; logic low disable QC2.0/3.0 and FCP function.
VDD
5
Power supply input pin.
D-
6
USB D- data line input pin.
SFT430C-Preliminary 0.1-Oct-2016
www.shouding.net
Output Voltage Lookup Table(QC 2.0/3.0)
D+
D-
Output Voltage
0.6V
0.6V
12V
3.3V
0.6V
9V
0.6V
3.3V
Continuous mode
0.6V
High-Z
5V (Default)



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com