Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFT430C Fiches technique(PDF) 5 Page - SHOUDING Shouding Semiconductor

No de pièce SFT430C
Description  USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHOUDING [SHOUDING Shouding Semiconductor]
Site Internet  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SFT430C Fiches technique(HTML) 5 Page - SHOUDING Shouding Semiconductor

  SFT430C Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SFT430C Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SFT430C Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SFT430C Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SFT430C Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SFT430C Datasheet HTML 6Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
SFT430C
Electrical Characteristics (Continued)
(VDD=5V, TA=25℃ and the recommended supply voltage range, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
D- Output Pull-Low Resistance (FCP)
(Note 4)
RPD
400
500
600
Ω
Unit Interval For FCP PHY Communication
UI
fCLK = 125kHz
144
160
180
μs
Note 4:Not production tested.
The SFT430C
SFT430C
The SFT430C is a USB high voltage dedicated
Application Information
Function Description
charging port interface IC for Qualcomm
®
Quick
Charge
TM
2.0/3.0
class
A,
HiSilicon
FCP
specification.
The
is a USB Dedicated Charging Port
Controller can fast charge most of the handheld
devices. It can be like the original charging adapter.
can support BC1.2
, Apple, Samsung
and HUAWEI.
It also supports full output voltage range of QC 3.0
Class A(3.6V to 12V) or QC 2.0 Class A(5V,9V,12V)
SFT430C enter continuous mode. Each
0.325V and keep 1.25 seconds SFT430C
Quick Charge 2.0/3.0 Interface
Power up D+/D- is supply 2.7V to Apple Device and
then supply D+ short to D- into BC1.2. Set the
output voltage level 5V. If D+ continuous above
can
automatic choose into Quick Charge 2.0/3.0, FCP
operation mode.
When VDAT(REF)< D+ <VSEL_REF and D- > VSEL_REF , the
step D+
from 1V to 3V Pulse-width during 200us cause
current sink 2uA by FBO. The maximum output sink
current is 70uA for output voltage reach to 12V.
Each step D- from 3V to 1V Pulse-width during
200us cause current source 2uA by FBO. The
minimum output source current is 14uA for output
voltage reach to 3.6V.
If PD without QC 2.0 the device will keep output
voltage level 5V guarantee safe operation for only
5V USB PD. When USB cable unplug the D+
voltage < VDAT(REF) and output voltage recovery
default mode 5V.
SFT430C already access QC2.0/3.0 or FCP
fore SFT430C start detection. When
Shunt Regulator
The wide power supply output voltage through
external resistor from RVDD to VDD. The internal
with
Zener-Diode
clamp
VDD
pin
at
6.4V.
Recommend RVDD =2.2kΩ and CVDD=470nF.
QC_EN
Function
When QC_EN pin disable QC 2.0/3.0,FCP function
by connect to GND. Otherwise, enable function by
connect to VDD or floating. QC_EN signal need to
mode,
the mode won’t be changed by setting QC_EN pin
signal (High to Low).
..
be ready be
SFT430C-Preliminary 0.1-Oct-2016
www.shouding.net



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com