Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFT430C Fiches technique(PDF) 1 Page - SHOUDING Shouding Semiconductor

No de pièce SFT430C
Description  USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHOUDING [SHOUDING Shouding Semiconductor]
Site Internet  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SFT430C Fiches technique(HTML) 1 Page - SHOUDING Shouding Semiconductor

  SFT430C Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SFT430C Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SFT430C Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SFT430C Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SFT430C Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SFT430C Datasheet HTML 6Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.shouding.net
SFT430C-Preliminary 0.1-Oct-2016
SFT430C
SFT430C
SFT430C
The SFT430C
1
Description
is a fast charge protocol controller
for HiSilicon Fast Charging Protocol (FCP) and
Qualcomm
®
Quick Charge
TM 2.0/3.0 (QC 2.0/3.0)
USB interface. The device can fast charging FCP
or QC 2.0/3.0 powered device (PD). The protocol
feature monitors USB D+/D- data line voltage or
D- data line transmission and automatically
adjusts output voltage of power bank and wall
adaptor to optimize charge time.
can support not only USB BC compliant
devices, but also Apple / Samsung / HUAWEI
devices and automatically detects whether a
connected powered device is QC 2.0/3.0 or FCP
capable
before
enabling
output
voltage
adjustment. If a PD not compliant to QC 2.0/3.0 or
FCP is detected the
disables output
voltage adjustment to ensure safe operation with
legacy 5 V only USB PDs.
The
is available in a space-saving
SOT-23-6 package.
Features
● Support HiSilicon Fast Charging Protocol (FCP)
for Output Voltage and Current Communication
● Support Qualcomm
®
Quick Charge
TM 2.0/3.0
● Class A : 3.6V up to 12V Output Voltage
● Automatic Selection FCP and QC2.0/3.0 Protocols
● Supports USB DCP Shorting D+ Line to D- Line
per USB Battery Charging Specification,
Revision 1.2
● Meets Chinese Telecommunication Industrial
Standard YD/T 1591-2009
● Supports USB DCP Applying 2.7V on D+ Line
and 2.7V on D- Line
● Supports USB DCP Applying 1.2V on D+ and D-
Lines
● SOT-23-6 Package
Applications
● Wall-Adapter, Smart Phones, Tablets, Notebooks
● Mobile / Tablet Power Bank
● Car Charger
● USB Power Output Ports
USB Dedicated Charging Port Controller for
Fast Charging Protocol and QC 2.0/3.0
SFT430C
Typical Application Circuit
QC_EN
VDD
GND
D-
4
2
5
6
1
D+
FBO
3
CVDD
VOUT
R1
R2
VDD
Feedback
Node
RVDD
ON
OFF
2.2kΩ
470nF
VOUT
D-
D+
GND
USB Port
100KΩ
Figure 2. Typical Application Schematic


Numéro de pièce similaire - SFT430C

FabricantNo de pièceFiches techniqueDescription
logo
Solid States Devices, I...
SFT4300 SSDI-SFT4300 Datasheet
245Kb / 2P
2 AMP 150 VOLTS NPN TRANSISTOR
SFT4300 SSDI-SFT4300 Datasheet
79Kb / 2P
2 AMP, 150 Volts NPN Transistor
More results

Description similaire - SFT430C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
USB Dedicated Charging Port Controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
Rev 1.2
logo
Texas Instruments
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
logo
Monolithic Power System...
MP5034 MPS-MP5034 Datasheet
1Mb / 15P
USB Charging Port Controller Integrating QC 3.0 Protocol
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
USB Dedicated Charging Port Controller
logo
Fitipower Integrated Te...
FP6600Q FITIPOWER-FP6600Q Datasheet
401Kb / 8P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
FP6601Q FITIPOWER-FP6601Q Datasheet
491Kb / 8P
USB Dedicated Charging Port Controller for Fast Charging Protocol and QC 2.0/3.0
logo
Shenzhen Huazhimei Semi...
HM6601Q HMSEMI-HM6601Q Datasheet
301Kb / 9P
USB Charging Port Controller for Fast Charging Protocol
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
USB dedicated charging port controller
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com