| Moteur de recherche de fiches techniques de composants électroniques |
|
SAMC21 Fiches technique(PDF) 36 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAMC21 Fiches technique(HTML) 36 Page - ATMEL Corporation |
|
36 / 46 page ![]() 5.2. Connecting a SAM-ICE to an Xplained Pro Board Xplained Pro kits featuring a 10-pin 50mil debug connector can use external debug tools like SAM-ICE ™ or Atmel-ICE instead of the built-in EDBG. Devices using SWD interface on-board will have a connector with the pinout compatible with the Cortex Debug Connector. You can connect the SAM-ICE to the debug connector on an Xplained Pro using either an Atmel-ICE adapter, SAM-ICE adapter, or a 10-pin 50-mil header to squid cable. When using a squid cable, see the table and figures below for how to connect the SAM-ICE to the Xplained Pro board. Table 5-1. Squid Cable Connections Squid Cable pin SAM-ICE pin 1 (VCC) 1 (VTref) 2 (SWDIO/TMS) 7 (TMS) 3 (GND) 4 (GND) 4 (SWCLK/TCK) 9 (TCK) 5 (GND) 6 (GND) 6 (SWO/TDO) 13 (TDO) (1) 7 (Not used) 8 (Not used) 9 (Not used) 10 (RESET) 15 (RESET) Note: 1. Optional, if the device has this functionality. Figure 5-6. SAM-ICE using a Squid Cable Atmel SAM C21 Xplained Pro [USER GUIDE] Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016 36 |