Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMC21 Fiches technique(PDF) 32 Page - ATMEL Corporation

No de pièce SAMC21
Description  SMART ARM-based Microcontrollers Xplained Pro
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMC21 Fiches technique(HTML) 32 Page - ATMEL Corporation

Back Button SAMC21 Datasheet HTML 28Page - ATMEL Corporation SAMC21 Datasheet HTML 29Page - ATMEL Corporation SAMC21 Datasheet HTML 30Page - ATMEL Corporation SAMC21 Datasheet HTML 31Page - ATMEL Corporation SAMC21 Datasheet HTML 32Page - ATMEL Corporation SAMC21 Datasheet HTML 33Page - ATMEL Corporation SAMC21 Datasheet HTML 34Page - ATMEL Corporation SAMC21 Datasheet HTML 35Page - ATMEL Corporation SAMC21 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
application code. For further information on how to configure and use the GPIO monitoring features, see
Atmel Data Visualizer and the EDBG User Guide.
Table 4-31. GPIO Lines Connected to the EDBG
SAM C21 pin
Function
Shared functionality
PB12
GPIO0
Shield and EXT1
PB16
GPIO1
EXT2
PB17
GPIO2
EXT2
PA28
GPIO3
User Button and EXT3
Atmel SAM C21 Xplained Pro [USER GUIDE]
Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46