| Moteur de recherche de fiches techniques de composants électroniques |
|
SAMC21 Fiches technique(PDF) 23 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAMC21 Fiches technique(HTML) 23 Page - ATMEL Corporation |
|
23 / 46 page ![]() Table 4-24. Crypto Footprints Pin on footprint SAM C21 pin Function Shared functionality 1 - NC - 2 - NC - 3 - NC - 4 - GND - 5 PA12 [SDA] I2C data line EXT1, EXT2, EXT3, Shield, and EDBG I2C 6 PA13 [SCL] I2C clock line EXT1, EXT2, EXT3, Shield, and EDBG I2C 7 - NC - 8 - VCC_TARGET_P3V3 - PADDLE - GND - 4.4. Kit Modifications SAM C21 Xplained Pro has several resistors and jumpers that can be removed/cut to disconnect I/O pins of the ATSAMC21J18A from connectors and on-board ICs and to disconnect/measure power to different sections. Table 4-25. Resistors Designator From To Comment R313 PA14 EXT3 pin 7 Remove when using external crystal R314 PA15 EXT3 pin 8 and LED R609 RESETN RESET NET Remove to disconnect the RESETN pin from the reset system Atmel SAM C21 Xplained Pro [USER GUIDE] Atmel-42460D-SAM-C21-Xplained-Pro_User Guide-08/2016 23 |