Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AW9203 Fiches technique(PDF) 7 Page - Shanghai awinic technology co.,ltd

No de pièce AW9203
Description  3-Key Capacitive Touch Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AWINIC [Shanghai awinic technology co.,ltd]
Site Internet  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9203 Fiches technique(HTML) 7 Page - Shanghai awinic technology co.,ltd

Back Button AW9203 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW9203 Datasheet HTML 11Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
AW9203
June 2018 V1.2
www.awinic.com.cn
7
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
7
ELECTRICAL CHARACTERISTICS
VBAT=3.8V, TA=25
℃ for typical values (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VBAT
Power supply
-
3.0
3.8
4.5
V
ISHUTDOWN
Current in Shutdown mode
PDN=GND
8
15
A
ISTANDBY
Current in Standby mode
PDN=1.8V
130
160
A
IACTIVE
Current in Active mode
PDN=1.8V,
GCR=0x02
0.85
1.0
mA
FOSC
Internal oscillator
Frequency accuracy
(16MHz)
14.8
16
17.2
MHz
Digital Logical Interface
VIL
Logic input high level
SDA,SCL,PDN
0.45
V
VIH
Logic input low level
SDA,SCL,PDN
1.1
V
IIL
Low level input current
SDA,SCL,PDN
5
nA
IIH
High level input current
SDA,SCL,PDN
5
nA
VOL
Logic output low level
SDA, INTN
IOUT=3mA
0.4
V
IOL
Maximum output current
SDA, INTN
10
mA
IL
Output leakage current
SDA,INTN open
drain
1
A
I2C Interface
FSCL
I2C-BUS clock frequency
400
kHz
TDeglitch
SCL deglitch time
200
ns
SDA deglitch time
250
ns
Capacitance Button
SXrange
Range(NOTE5)
SX
0
80
pF
SXresolution
Resolution(NOTE5)
SX
0.02
pF
FSCAN
Scan frequency
30
Hz
TDET
Response time
100
ms
NOTE5the value is tested in default configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com