| Moteur de recherche de fiches techniques de composants électroniques |
|
HT1668 Fiches technique(PDF) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
|
|||||||||||||||||||||||||||||
HT1668 Fiches technique(HTML) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
9 / 12 page ![]() RECOMMENDED SOFTWARE PROGRAMMING FLOWCHART Note: 1. Command 1: Display Mode Commands 2. Command 2: Data Setting Commands 3. Command 3: Address Setting Commands 4. Command 4: Display Control Commands 5. When IC power is applied for the first time, the contents of the Display RAM is not defined; thus, it is strongly suggested that the contents of the Display RAM must be cleared during the initial setting. LED Driver IC HT1668 www.artschip.com 9 |