| Moteur de recherche de fiches techniques de composants électroniques |
|
HT1668 Fiches technique(PDF) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
|
|||||||||||||||||||||||||||||
HT1668 Fiches technique(HTML) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
6 / 12 page ![]() Command 4: Display Control Commands The Display Control Commands are used to turn ON or OFF a display. It also used to set the pulse width. Please refer to the diagram below. When the power is turned ON, a 1/16 Pulse width is selected and the displayed is turned OFF (the key scanning is started). SCANNING AND DISPLAY TIMING The key Scanning and Display Timing diagram is given below. One cycle of key scanning consists of 2 frames. The data of the are 10 x 3 matrix is stored in the RAM. SG Output DIG1 DIG2 DIG3 DIGn DIG1 G1 G2 G3 Gn Key Scan Data Tdisplay-500us 1 Frame=Tdispaly ¦Ö (n+1) SERIAL COMMUNICATION FROMAT The following diagram shows the HT1668 serial communication format. The DOUT Pin is an N-channel, opendrain output LED Driver IC HT1668 www.artschip.com 6 |