Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT1668 Fiches technique(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

No de pièce HT1668
Description  LED Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Site Internet  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT1668 Fiches technique(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  HT1668 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1668 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Each data entered by each key is stored as follows and read by a READ Command, starting from the last significant bit.
When the most significant bit of the data (b0) has been read, the least significant bit of the next data (b7) is read.
Command 3: Address Setting Commands
Address Setting Commands are used to set the address of the display memory. The address is considered valid if it has a
value of 00H to 0DH. If the address is set to 0EH or higher, the data is ignored until a valid address is set. When power is
turned ON, the address is set at at 00H.
Please refer to the diagram below.
DISPALYMODE AND RAMADDRESS
Data transmitted from an external device to HT1668 via the serial interface are stored in the Display RAM and are
assigned addresses. The RAM addresses of HT1668 are given below in 8 bits unit.
LED Driver IC
HT1668
www.artschip.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12