Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPLB37A5 Fiches technique(PDF) 8 Page - Generalplus Technology Inc.

No de pièce GPLB37A5
Description  LCD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB37A5 Fiches technique(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPLB37A5 Datasheet HTML 4Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 5Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 6Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 7Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 8Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 9Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 10Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 11Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
GPLB37A5
© Generalplus Technology Inc.
Proprietary & Confidential
8
Dec. 23, 2015
Version: 1.0
The following figure is the GPLB37A5 state diagram:
HALT
OPERATING
STANDBY
Write $07h to
CPU_Clk_Ctrl register,
32768 oscillator OFF
Wake-up or user reset
GPLB37A5 State Diagram
6.7. Speech and Melody
For
speech
synthesis,
GPLB37A5
provides
several
timer
interrupts for a precise sampling frequency.
The sound data can
be stored into ROM and be played back.
Several algorithms are
recommended for high fidelity and good compression of sound
such as PCM and ADPCM.
For melody synthesis, the GPLB37A5 provides a dual tone mode.
Once in the dual tone mode, users only need to program the tone
frequency for each channel by writing to the timer/counter TM0
and TM1, and set the envelope of each channel.
The hardware
will toggle the tone wave automatically.
6.8. LCD Controller/Driver
The GPLB37A5 contains a 2048-dot LCD controller/driver.
Programmers are able to define the LCD configuration by setting
up the LCD Control Register.
Once the LCD configuration is
completed, the desired pattern can be displayed by filling the LCD
buffer with proper data.
The LCD driver can also operate during
sleep by keeping 32768 oscillator running.
The LCD driver in
GPLB37A5 supports 1/16-1/32 duty and 1/5-1/6 bias.
6.9. LCD Voltage Generation
The GPLB37A5 offers a voltage regulator and a charge-pumping
circuit.
The voltage regulator provides a reference voltage (V2)
for the charge-pumping circuit to generate VLCD.
Users can get
the desired VLCD by changing the output reference voltage (writing
to register) of the voltage regulator.
Enabling the voltage
regulator and charge-pumping circuit gets a stable VLCD that will
not be affected by VDD.
The VLCD is adjustable from 2.95V to
6.85V at 1/6 bias and from 2.45V to 5.75V at 1/5 bias.
6.10. Audio Output
Internally, the GPLB37A5 supports two audio output modes: PWM
or DAC.
The GPLB37A5 has a pair of PWM drivers, supporting
two sound channels.
Each channel is able to play speech or tone
individually.
The PWM drivers can directly drive speaker or
buzzer without buffer or amplification circuit.
In DAC mode, GPLB37A5 supports 2-channel DAC current output
with 8-bit resolution.
The DAC current signal of each channel
outputs through pin AUDA and AUDB respectively.
6.11. Serial SRAM Interface
The Serial SRAM interface is able to expand the data storage
SRAM.
The Control Registers are $30-$36.
Note that the pins
of SDA and SCK are shared with PC [1:0] and therefore, users
should set PC [1:0] as Serial SRAM interface.
SDA
SCK
change of data
allowed
data line
stable;
data valid
START condition (S)
SDA
SCK
STOP condition (P)
6.11.1. Read/Write timing
R/WA23
D7
A0
D6 D5 D4 D3 D2 D1 D0
SDA
SCK
stop
start
6.11.2. Continuous READ/WRITE timing
R/WA23
D7
A0
D6
D0 D7
D0 D7
D0
D0
D7
SDA
SCK
addr
stop
start
addr+1
addr+n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com