Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPLB37A5 Fiches technique(PDF) 4 Page - Generalplus Technology Inc.

No de pièce GPLB37A5
Description  LCD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB37A5 Fiches technique(HTML) 4 Page - Generalplus Technology Inc.

  GPLB37A5 Datasheet HTML 1Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 2Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 3Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 4Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 5Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 6Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 7Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 8Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
GPLB37A5
© Generalplus Technology Inc.
Proprietary & Confidential
4
Dec. 23, 2015
Version: 1.0
LCD CONTROLLER
1. GENERAL DESCRIPTION
The GPLB37A5, an 8-bit CMOS microprocessor, contains 1216
bytes
of
working
RAM,
256K
bytes
of
ROM,
28
I/Os,
interrupt/wakeup controller, UART for serial communication and
Serial SRAM interface for memory expansion, and automatic
display controller/driver for LCD.
It also features one PWM/DAC
driver with two audio channels to produce attractive sound effects
easily.
Its large ROM area can be used to store both program
and audio data.
The built-in UART speeds up data transmission
between two devices.
Furthermore, a SLEEP (power-down)
function is also built in to extend power life.
The GPLB37A5 is
designed with GENERALPLUS state-of-the-art technology to
fulfill LCD application needs, specifically for hand-held products.
2. FEATURES
 Built in 8-bit processor
─ 1216 bytes of SRAM
─ 256K bytes of ROM
─ Max. operating speed: 4.0MHz @ 2.4V - 3.6V
5.0MHz @ 3.6V - 5.5V
─ Programmable CPU clock: /1, /2, /4, /8, /16, /32, /64 of
ROSC Frequency.
─ 6 wake-up sources
─ 7 interrupt sources
 Universal Asynchronous Receiver and Transmitter (UART)
 Serial SRAM interface
 Key scan function
─ SEG[15:0] can be used to send key scan output
 Programmable LCD driver
─ 74 segments, 16 commons, maximum 1184 dots or
64 segments, 32 commons, maximum 2048 dots
─ 1/5, 1/6 bias; 1/16, 1/32 duty capability
─ 296 bytes dedicated LCD RAM
─ Built-in voltage regulator to generate VLCD for LCD driver
─ 32-level contrast control (2.45V - 5.75V, in 1/5 bias)
32-level contrast control (2.95V - 6.85V, in 1/6 bias)
 Power saving SLEEP mode
 Low Voltage Detector
─ 8-level 2.9V - 2.2V/4.35V - 3.3V detection
─ 2.2V Low voltage reset
 Low power consumption:
─ 600
A typical @ 3.0V, F
CPU = 1.0MHz, FOSC = 4.0MHz
─ 25
A typical halt current @ 3.0V
─ <1
A typical standby current @ 3.0V
 Peripherals
─ Max. 28 I/O pins (PA[7:0], PB[5:0], PC[7:0], PD[5:0])
. Dedicated I/Os: PA[0:5]
. Shared pin I/Os:
PA[6:7] / SEG[63:62]
PC[0:1] / SSRAM SCK, SDA/SEG[61:60]
PC[3:2] / UART Rx/Tx
PC[4:7] / SEG[73:70] / COM[25:22]
PB[0:5] / SEG[69:64] / COM[21:16]
PD[0:5] / COM[31:26]
─ 32.768KHz oscillator circuit for RTC
─ RC-oscillator (only one resistor is needed)
─ Two 16-bit reloadable timer/counters
─ 8-bit DAC resolution, 2-channel PWM/DAC audio outputs
─ Watchdog Timer for reliable operation
 Wide operating voltage range:
─ 2.4V - 3.6V
─ 3.6V - 5.5V
3. BLOCK DIAGRAM
RC-
Oscillator
System Clock
Gen.
Power
Supply
Voltage
Detect
256K bytes
ROM
1216
bytes
RAM
Two 16-bit
/
Auto-
reload
Timers
32
KHz
Oscillator
&
Time
base
8-
bit
micro-processor
UART
PWM
Driver
Max.28
I/O
Ports
32 Commons X 74 Segments LCD
Driver
32KHz
ROSC
Rx/PC3
Tx/PC2
AUDA
COM[31:0]
SEG[73:0]
LCD RAM 296 bytes
ROSC32
AUDB
Serial
SRAM
SDA/PC1
SCK/PC0
(I/O)
PA[7:0]
PB[5:0]
PC[7:0]
PD[5:0]
8
6
8
6
DAC
Driver
Note1: PA [6:7] share pins with SEG [63:62] (mask option).
Note2: PC [0:1] share pins with Serial SRAM interface SCK/SDA.
Also share pins with SEG [61:60] (mask option).
Note3: PC [2:3] share pins with UART Tx /Rx.
Note4: PC [4:7] share pins with SEG [73:70].
Also share pins with COM [25:22] (mask option).
Note5: PB [0:5] share pins with SEG [69:64].
Also share pins with COM [21:16] (mask option).
Note6: PD [0:5] share pins with COM [31:26] (mask option).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com