Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPLB37A5 Fiches technique(PDF) 6 Page - Generalplus Technology Inc.

No de pièce GPLB37A5
Description  LCD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB37A5 Fiches technique(HTML) 6 Page - Generalplus Technology Inc.

Back Button GPLB37A5 Datasheet HTML 2Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 3Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 4Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 5Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 6Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 7Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 8Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 9Page - Generalplus Technology Inc. GPLB37A5 Datasheet HTML 10Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
GPLB37A5
© Generalplus Technology Inc.
Proprietary & Confidential
6
Dec. 23, 2015
Version: 1.0
5. SIGNAL DESCRIPTIONS
Total: 124 pins
Mnemonic
PIN No.
Type
Description
SEG59 - 19
SEG18 - 0
SEG63 - 62 / PA6 - 7
SEG61- 60 / PC0 - 1/SCK, SDA
SEG73 - 70 / COM25 - 22 / PC4
– 7
SEG69 - 64 / COM21-16 / PB0-5
84-124
1 - 19
80 - 81
82 - 83
70 - 73
74 - 79
O
O
I/O
I/O
I/O
I/O
LCD driver segment output. SEG15 - 0 share pin with key scan port.
SEG63 - 62 opted to PA6 - 7.
SEG61 - 60 optioned to PC0 - 1 / SCK, SDA.
SEG73 - 70 opted to COM25 - 22 or PC4
– 7(PortC 4, 5 shared with
Ext-I, Ext-ck).
SEG69 - 64 opted to COM21 - 16 or PB0 - 5.
COM15 - 0
COM31 - 26 / PD0 - 5
20 - 35
64 - 69
O
I/O
LCD driver common output.
PA5 - 0
63 - 58
I/O
Port A is a bi-directional I/O port, which can be programmed as wakeup
I/O.
PC3 / Rx
57
I/O
UART input, sharing pin with PC3.
PC2 / Tx
56
I/O
UART output, sharing pin with PC2.
ROSC
41
I
R-oscillator input, connected to VDD through a resistor.
RESET
40
I
System reset input, low active.
AUDA, AUDB
39, 37
O
PWM/DAC audio output.
X32I
44
I
32.768KHz crystal input or connected to VDD through a resistor (option).
X32O
43
O
32.768KHz crystal output.
TEST
42
I
Test input.
CUP4 - 1
49 - 46
P
LCD voltage generation.
Charge pump capacitor inter-connection pins.
VLCD
55
P
LCD voltage generation.
V4 - 1
53 - 50
P
LCD voltage generation.
VDD
54
P
Power supply voltage input.
VSS
45
P
Ground reference.
PVDD
38
P
PWM driver power.
PVSS
36
P
PWM driver ground reference.
Legend: I = Input, O = Output, P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com