Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM9801 Fiches technique(PDF) 53 Page - List of Unclassifed Manufacturers

No de pièce DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Fiches technique(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 56Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
Preliminary
53
Version: DM9801-DS-P02
March 20, 2000
MII-1M Nibble Transmit Timing Diagram
TX_CLK
tTX
h
t2
tTX
S
t1
tTX
pd
TXD [0:3],
TX_EN, TX_ER
CRS
HN+/-
MII-1M Nibble Transmit Timing Parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tTXs
TXD[0:3], TX_EN, TX_ER Setup
To TX_CLK High
10
ns
tTXh
TXD[0:3], TX_EN, TX_ER Hold
From TX_CLK High
10
ns
t1
TX_EN Sampled To CRS
Asserted
1.3
us
t2
TX_EN Sampled To CRS De-
asserted
36.1
us
tTXpd
TX_EN Sampled To HN+/- Out
(Tx Latency)
1.3
us
MII-1M Receive Nibble Timing Diagram
RX_CLK
t2
t1
tTX
pd
RXD [0:3],
RX_DV, RX_ER
CRS
HN+/-
tRX
S
tRX
h
t4
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61