Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM9801 Fiches technique(PDF) 19 Page - List of Unclassifed Manufacturers

No de pièce DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Fiches technique(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
Preliminary
19
Version: DM9801-DS-P02
March 20, 2000
General Purpose Serial Interface (continued)
STDCLK
SRDCLK
STXEN
STXDAT
CRS
SRXDAT
CLSN
Once STXEN is cleared, the last symbol gets encoded and transmitted. The looped-back data is presented back to the MAC
and sometime later CRS falls. Once CRS falls, STDCLK and SRDCLK toggle for 97 clocks after which the system returns to
the Idle state.
TXPKT - STXEN Cleared
Figure 16
STDCLK
SRDCLK
STXEN
STXDAT
CRS
SRXDAT
CLSN
CLSN will be asserted some time after the preamble and SFD have been clocked in. STDCLK and SRDCLK are then clocked
until CRS drops. STXEN drops sometime after CLSN was asserted. CRS and CLSN are dropped together after more than
500 clocks. STDCLK and SRDCLK keep toggling for approximately another 100 clock cycles, then the system returns to the
idle state.
TXPKT - CLSN Asserted
Figure 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61