Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM9801 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers

No de pièce DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
Preliminary
13
Version: DM9801-DS-P02
March 20, 2000
MII Interface Transmit and Receive Timing Diagram (continued)
TX_CLK
RX_CLK
TX_EN
TXD
CRS
RXD
COL
RX_DV
0
5 (Preamble)
D
0
DATA
Once TX_EN is asserted, DM9801 stops RX_CLK, asserts CRS, and toggles TX_CLK at 933.3 ns.
TXPKT – TX_EN Asserted
Figure 5
TX_CLK
RX_CLK
TX_EN
TXD
CRS
RXD
COL
RX_DV
D
DATA
5 (Preamble)
0
DATA
5
D
TX_CLK continues to toggle at 933.3 ns until the SFD is observed, as shown in the first section of the above diagram. At this
point, TX_CLK is disabled (high) until AID header has been transmitted on the wire (or until a COL has been detected). This
takes about 120 us, at which time RX_CLK starts toggling, thereby shifting 32 bits of preamble and SFD back to the MAC.
Sometime later, the TX_CLK restarts as symbols get sent onto the wire in an analogous manner as RX_CLK during packet
reception.
TXPKT – RX_CLK Active
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61