Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP175G Fiches technique(PDF) 58 Page - List of Unclassifed Manufacturers

No de pièce IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Fiches technique(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 54Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 55Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 56Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 57Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 58Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 59Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 60Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 61Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
58 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
6.24 WOL (Wake on LAN)
PHY
MII
R/W
Description
Default
10[15:8] R/W
WOL_EN[7:0]
Wake on lan enable for each port
P(8’hff)
10[7:2] R/W RESERVED
22
10[1:0] R/W
WOL_TIMER
0x0: disable
0x1: 3min
0x2: 5min
0x3: 10min
2’b0
Note 1 : Port mapping refer Figure 2 Application Diagram
6.25 Link Aggregation
PHY
MII
R/W
Description
Default
11[15:5]
RESERVED
11[4:3]
R/W
AGGR_IDX_SEL
Aggregation Index Selection
2’b00: index[2:0]
2’b01: {index[3], index[1:0]}
2’b10: {index[3:2], index[0]}
2’b11: index[3:1]
2’b00
11[2:0]
R/W
AGGR_MODE
Aggregation Mode
3’b000: SMAC
3’b001: DMAC
3’b010: SMAC xor DMAC
3’b011: Source port
3’b000
12[7:0]
R/W
AGGR_GROUP0
Aggregation Group 0
8’h00
13[7:0]
R/W
AGGR_GROUP1
Aggregation Group 1
8’h00
16[7:0]
R/W
AGGR_MASK0
Aggregation Port Mask 0
Only one port can be selected in each aggregation group
8’hFF
17[7:0]
R/W
AGGR_MASK1
Aggregation Port Mask 1
8’hFF
18[7:0]
R/W
AGGR_MASK2
Aggregation Port Mask 2
8’hFF
20[7:0]
R/W
AGGR_MASK3
Aggregation Port Mask 3
8’hFF
22
21[7:0]
R/W
AGGR_MASK4
Aggregation Port Mask 4
8’hFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69