Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP175G Fiches technique(PDF) 55 Page - List of Unclassifed Manufacturers

No de pièce IP175G
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP175G Fiches technique(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button IP175G Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 53Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 54Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 55Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 56Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 57Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 58Page - List of Unclassifed Manufacturers IP175G Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
IP175G/GI/GH/GHI
Data Sheet
55 / 69
November 27, 2012
Copyright © 2012, IC Plus Corp.
IP175Gx-DS-R01.3
PHY
MII
R/W
Description
Default
12[1]
R/W
RSVD_MAC_CTRL_FILTER
Reserved MAC Control Opcode
DA=01-80-c2-00-00-01 & EtherType=0x8808 &
Opcode=0x0007-0xffff
1: forward
0: discard (default)
1’b0
12[0]
R/W
MPCP_FILTER
Multi-Poin Control Protocol
Five message as follows:
1. GATE
DA=01-80-c2-00-00-01 & EtherType=0x8808 & Opcode=2
2. REPORT
DA=01-80-c2-00-00-01 & EtherType=0x8808 & Opcode=3
3. REGISTER_REQ
DA=01-80-c2-00-00-01 & EtherType=0x8808 & Opcode=4
4. REGISTER
DA=individual MAC EtherType=0x8808 & Opcode=5
5. REGISTER_ACK
DA=01-80-c2-00-00-01 & EtherType=0x8808 & Opcode=6
1: forward
0: discard (default)
1’b0
13[13:0]
R/W
RSVD_FUTURE_1_FILTER
Reserved for Future Standardization 1
01-80-c2-00-00-22 to 2F
1: forward
0: discard (default)
14’h
0000
14
R/W
IEEE802.1ag_FILTER
IEEE 802.1ag Filter
01-80-c2-00-00-30 to 3F
1: forward (default),
0: discard.
16’h
FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69