| Moteur de recherche de fiches techniques de composants électroniques |
|
IP175G Fiches technique(PDF) 39 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
IP175G Fiches technique(HTML) 39 Page - List of Unclassifed Manufacturers |
|
39 / 69 page ![]() IP175G/GI/GH/GHI Data Sheet 39 / 69 November 27, 2012 Copyright © 2012, IC Plus Corp. IP175Gx-DS-R01.3 MMD register 3.22 of PHY0~4 (Each PHY has its own MMD register 3.22 with different PHY address) PHY MII R/W Description Default EEE wake error count 2 3 4 6 7 3.22[15:0] SC EEE wake error count Count wake time faults where IP175G/GH fails to complete its normal wake sequence within the time required for the specific PHY type. 0x0000 MMD register 7.60 of PHY0~4 (Each PHY has its own MMD register 7.60 with different PHY address) PHY MII R/W Description Default EEE advertisement Register 7.60[15:7] RO Reserved Ignore when read 0 7.60.6 RO 10GBASE-KR EEE 1 = Advertise that the 10GBASE-KR has EEE capability 0 = Do not advertise that the 10GBASE-KR has EEE capability 0 7.60.5 RO 10GBASE-KX4 EEE 1 = Advertise that the 10GBASE-KX4 has EEE capability 0 = Do not advertise that the 10GBASE-KX4 has EEE capability 0 7.60.4 RO 1000BASE-KX EEE 1 = Advertise that the 1000BASE-KX has EEE capability 0 = Do not advertise that the 1000BASE-KX has EEE capability 0 7.60.3 RO 10GBASE-T EEE 1 = Advertise that the 10GBASE-T has EEE capability 0 = Do not advertise that the 10GBASE-T has EEE capability 0 7.60.2 RO 1000BASE-T EEE 1 = Advertise that the 1000BASE-T has EEE capability 0 = Do not advertise that the 1000BASE-T has EEE capability 0 7.60.1 R/W 100BASE-TX EEE 1 = Advertise that the 100BASE-TX has EEE capability 0 = Do not advertise that the 100BASE-TX has EEE capability 1 2 3 4 6 7 7.60.0 RO Reserved Ignore when read 0 |