Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS9922-DMM3 Fiches technique(PDF) 15 Page - Fortune Semiconductor Corp.

No de pièce FS9922-DMM3
Description  Integrated Circuits of 4,000 Counts
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FORTUNE [Fortune Semiconductor Corp.]
Site Internet  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9922-DMM3 Fiches technique(HTML) 15 Page - Fortune Semiconductor Corp.

Back Button FS9922-DMM3 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 19Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
FS9922-DMM3
Rev. 1.1
15/35
12.2
FS9922-DMM3 Circuitry Components List
No.
Spec.
No.
Spec.
No.
Spec.
No.
Spec.
R1
82k
R21
49.5Ω
C9 C10
0.47μF
BUZZER
Buzzer
R2 R5 R12
R13
R17
R23
R24
R26
100k
R25
900k
C11
C12
C13
C14
C15
27nF
PTC
1.2k
Thermistor
R3 R6 R35
1M
R27
1k
C16
10nF
VR1 VR3
10kΩ
R4
R22
R33 R34
1k
R29
101.01k
D1
LED Diode
VR2 VR4
2kΩ
R7 R28
10k
R30
1.111M
D2 D3
1N4148
BT
3V Battery
R8
90k
R31
10M
D4 D5
1N4004
OSC1
Oscillator
R9
28.7k
R36
220Ω
D6
Receive
Diode
S1~S7
Function
Keys
R10 R11
22k
R37
5k
D7
Launch
Diode
KP2-6
Mode Switch
R14
20k
R38
18k
IC
FS9922-
DMM3
U5
9
pin
connector
R15
40k
C2
1μF
Q1 Q2
9013
U1~U4
Probe
R16 R32
45k
C3 C4 C5 C6
C19
10μF
LCD
LCD
R19
0.005Ω
C7
0.1μF
F1
20A
fuse
tube
R20
0.495Ω
C8
4.7μF
F2
R1
82k
R21
49.5Ω
C9 C10
12.3
Power Supply System
VB is the bias current input point in IC. The increase of R1 will reduce the current consumption in IC, but
the shortage of bias current will affect the input range of AC measurement.
REFI
REFO
RLCD
VDDA
VB
VGG
CA
CB
VDD
AGND
VSS
R15
40k
R2
100k
R3
1M
R14
20k
R1
100k
C5
10uF
C4
10uF
C6
10uF
C2
10uF
C3
10uF
BT
3V
VR1
10k
FS9922-DMM3
Diagram 4:
Power Supply Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com