Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS9922-DMM3 Fiches technique(PDF) 5 Page - Fortune Semiconductor Corp.

No de pièce FS9922-DMM3
Description  Integrated Circuits of 4,000 Counts
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FORTUNE [Fortune Semiconductor Corp.]
Site Internet  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9922-DMM3 Fiches technique(HTML) 5 Page - Fortune Semiconductor Corp.

  FS9922-DMM3 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
FS9922-DMM3
Rev. 1.1
5/35
1.
General Description
FS9922-DMM3 is a high performance, low power consumption and 3 4/5 digits (4000 Counts) dual
Analog to Digital Converter with a built-in microprocessor. It includes a 8 bits microprocessor, low noise
and the OPAMP of high stability, AC rectifier OPAMP, voltage doubling and regulated voltage, highly
regulated bandgap, auto measurement switch and function control circuit, buzzer driver circuit, clock
oscillation circuit, backlight display control circuit, LCD driver circuit and so on.
Built-in dual Analog to Digital Converter , one is a high accuracy ADC for main measurement; the
other is a high speed ADC whose measurement result shows by a 41 segment analog section bar that
can respond fast, the analog indication owns the property of immediate response and can provide the
fast measurement and monitoring of instant signals.
With the microprocessor, FS9922-DMM3 can do the logic function control via the I/O ports. By
selecting the codes of MEA1〜MEA5 pins can realize various functions during measurement.
By triggering the keys of the settings of SELECT, RANGE, REL/RS232, HZ/DUTY, HOLD/LIGHT,
MAX/MIN keys, you can realize the functions of function switch, measurement mode select, relative
value measurement, frequency/duty cycle measurement, reading hold, MAX/MIN value hold, backlight
display, RS232 output and so on.
With the auto power off function, when there is no action on the mode switch
or keys of the meter
within 15 minutes, the system will enter into the sleep mode automatically to save the power.
This
function can also be cancelled during use.
FS9922-DMM3 has LCD driver circuits, which is designed for driving LCD.
FS9922-DMM3 is made by the large integrated circuit technology, and therefore greatly rises up the
reliability of the product.
It makes the design simple, the volume small, low power consumption by
using 3V power source, and convenient to use the power supply of battery, especially suitable for the
application on the palm mode meter.
FS9922-DMM3 is a microprocessor-embedded and multifunctional measuring dual ADC; fewer
external components added can form a high accuracy, multifunctional and low cost measuring meter.
2.
Features
Max. Display:
4000 Counts (Frequency 9999), Bar graph 41 segments.
Converter Rate:
3 times/sec; Bar graph: 30 times/sec.
Measuring Mode:
Fully Auto/Manual measurement.
Pole Indication: Auto.
Operation Voltage: 2.4V~3.6V。
Operation Current:
≤2mA
Low Power Indication:
about 2.4V。
Buzzer Frequency:
about 2.7kHz。
AC Rectifying:
Embedded OPAMP。
Current Resistance:
μA is 50Ω; mA is 0.5Ω; A is 0.005Ω。
Function Keys:
SELECT, RANGE, REL/ RS232, HZ/DUTY, HOLD/ LIGHT, MAX/MIN。
Data Output:
RS232 (2400bps )。
Auto Power-off:
15min.(can be cancelled.)
Unit Symbol and Backlight Display。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com