Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS9922-DMM3 Fiches technique(PDF) 9 Page - Fortune Semiconductor Corp.

No de pièce FS9922-DMM3
Description  Integrated Circuits of 4,000 Counts
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FORTUNE [Fortune Semiconductor Corp.]
Site Internet  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9922-DMM3 Fiches technique(HTML) 9 Page - Fortune Semiconductor Corp.

Back Button FS9922-DMM3 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9922-DMM3 Datasheet HTML 13Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
FS9922-DMM3
Rev. 1.1
9/35
8.2
Electrical Parameters
Symbol
Parameter
Test Condition
Min.
Typical Max.
Unit
VDD
Recommended
Operation
Power Voltage
2.4
3.6
V
IDD
Operation Current
In DCV Mode
1.5
3
mA
IPO
Sleep Current
In Auto Power-off Status
10
μA
VIH
Digital High Voltage Level
VDD-0.5
V
VIL
Digital Low Voltage Level
0.5
V
AGND
Analog Ground Voltage
VDDA/2
-3%
VDDA/2
VDDA/2
+3%
V
VDDA
Analog Power Supply
3.4
3.9
4.4
V
VBAND
Built in Bandgap Voltage
Voltage
Relative
to
AGND
1.1
1.25
1.4
V
Coefficient of curve of Bandgap
Voltage
along
with
power
voltage
VDD=2.4~3.6V
2
mV/V
REFI
Recommended
referenced
Voltage
Voltage
Relative
to
AGND
0.44
V
VBATT
Low Voltage Detector
Use DC 3V
2.25
2.4
2.55
V
FLCD
LCD Frequency
32
Hz
VLCD
LCD PK-PK Driver Voltage
2.8
3
3.2
V
FBEEP
Buzzer Frequency
2.7
kHz
FRS232
RS232 Baud Rate
2400
bps
IRSOUT
RS232
Transmission
High
Voltage Level Current
VOH=2V
2
mA
“0”Input Reading
DC ADP×1
-0.001
0
0.001
digits
Input=0V
Linearity (Max. Deviation From
Best Straight Line Fit)
DC ADP×1
-1
0
1
Bit
Full Scale±400mV
AC
Measurement
Bandwidth
Error
AC ADP×1
0.2
%
Input 400mVrms
20Hz~1kHz
RCC
Continuity Check Value
10
60
Ω
ADC Measurement O.L Display
Count
4040
counts
Auto range Up Count
4040
counts
Auto range Down Count
360
counts
VFREA
Frequency
Count
Voltage
(Hz/Duty Control)
VIL (relative to AGND)
-60
mV
VIH (relative to AGND)
60
mV
FMAXA
Max. Frequency Input (Hz/Duty
Control)
Vpp=±100mV
Square Wave Input
500
kHz
*1
Duty
Cycle
Measurement
Deviation (Hz/Duty Control)
Vpp=±100mV
Square Wave Input
1
μs
VFRED
Frequency Count Input Voltage
(MEAS=10100)
VIL (relative to AGND)
-600
mV
VIH (relative to AGND)
600
mV
FMAX
(MEAS=10100) Input Frequency
of Frequency Count
Vpp=±600mV
Square Wave Input
5
MHz
*1
(MEAS=10100)Duty
Cycle
Measurement Deviation
Vpp=±600mV
Square Wave Input
100
ns
Accuracy
of
Capacitance
Measurement in Relative Value
Measurement
Status
(by
400.0nF
Mode
standard
adjustment)
40.00 nF Mode
2%+10
digits
400.0 nF Mode
0.5%+3
digits
4.000 μF Mode
1%+2
digits
40.00 μF Mode
1.5%+2
digits
*1 During Duty Cycle measurement, when a square wave is input, the difference comes mainly from the analyzable impulse
width difference of the competitor.
If the input is a 100kHz square wave, which can be divided into 1000 counts, each count
is 10 ns.
Therefore, the max. difference is (100ns/10 ns)=10Counts, 50.0%±1.0% can be measured from 50.0% of output
signal.
The signal larger than 99% or less than 1% might not be able to be measured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com