Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1266ACPZ-R7 Fiches technique(PDF) 56 Page - Analog Devices

No de pièce ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Fiches technique(HTML) 56 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 56 of 62
Byte
Bit Name
R/W
Description
[24:23]
MANTISSA_VP8
Block R
Mantissa of VP8.
[26:25]
MANTISSA_VP9
Block R
Mantissa of VP9.
[28:27]
MANTISSA_VP10
Block R
Mantissa of VP10.
[30:29]
MANTISSA_VP11
Block R
Mantissa of VP11.
[32:31]
MANTISSA_VP12
Block R
Mantissa of VP12.
[34:33]
MANTISSA_VP13
Block R
Mantissa of VP13.
35
VOUT_MODE_VH1
Block R
VOUT_MODE of VH1.
36
VOUT_MODE_VH2
Block R
VOUT_MODE of VH2.
37
VOUT_MODE_VH3
Block R
VOUT_MODE of VH3.
38
VOUT_MODE_VH4
Block R
VOUT_MODE of VH4.
39
VOUT_MODE_VP1
Block R
VOUT_MODE of VP1.
40
VOUT_MODE_VP2
Block R
VOUT_MODE of VP2.
41
VOUT_MODE_VP3
Block R
VOUT_MODE of VP3.
42
VOUT_MODE_VP4
Block R
VOUT_MODE of VP4.
43
VOUT_MODE_VP5
Block R
VOUT_MODE of VP5.
44
VOUT_MODE_VP6
Block R
VOUT_MODE of VP6.
45
VOUT_MODE_VP7
Block R
VOUT_MODE of VP7.
46
VOUT_MODE_VP8
Block R
VOUT_MODE of VP8.
47
VOUT_MODE_VP9
Block R
VOUT_MODE of VP9.
48
VOUT_MODE_VP10
Block R
VOUT_MODE of VP10.
49
VOUT_MODE_VP11
Block R
VOUT_MODE of VP11.
50
VOUT_MODE_VP12
Block R
VOUT_MODE of VP12.
51
VOUT_MODE_VP13
Block R
VOUT_MODE of VP13.
PDIO_STATUS
This command block reads the status of the PDIOs.
Table 96. Register 0xE9—PDIO_STATUS (for Block R)
Byte
Byte Name
R/W
Description
0
Data length
Block R
Number of bytes of data for this block read, fixed to 2.
[2:1]
PDIO status
Block R
Input or output status of all the PDIOs. Refer to Table 97.
Table 97. Two Bytes of Data for PDIO Status
Bits
Bit Name
R/W
Description
15
PDIO16_STATUS
R
PDIO16 pin status.
14
PDIO15_STATUS
R
PDIO15 pin status.
13
PDIO14_STATUS
R
PDIO14 pin status.
12
PDIO13_STATUS
R
PDIO13 pin status.
11
PDIO12_STATUS
R
PDIO12 pin status.
10
PDIO11_STATUS
R
PDIO11 pin status.
9
PDIO10_STATUS
R
PDIO10 pin status.
8
PDIO9_STATUS
R
PDIO9 pin status.
7
PDIO8_STATUS
R
PDIO8 pin status.
6
PDIO7_STATUS
R
PDIO7 pin status.
5
PDIO6_STATUS
R
PDIO6 pin status.
4
PDIO5_STATUS
R
PDIO5 pin status.
3
PDIO4_STATUS
R
PDIO4 pin status.
2
PDIO3_STATUS
R
PDIO3 pin status.
1
PDIO2_STATUS
R
PDIO2 pin status.
0
PDIO1_STATUS
R
PDIO1 pin status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62