Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1266ACPZ-R7 Fiches technique(PDF) 51 Page - Analog Devices

No de pièce ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Fiches technique(HTML) 51 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 51 of 62
Byte
Field
Description
[23:22]
POWERUP_COUNTER
Number of times the device is power cycled (powered on and off ).
[31:24]
TIME_STAMP
The time when the black box record was triggered.
[62:32]
Reserved
Reserved.
63
CRC
Cyclic redundancy check for black box data integrity.
Table 76. VHx_OV_STATUS and VHx_UV_STATUS Mapping
Bit
Field
Description
0
VH1_OV
VH1 OV fault status
1
VH2_OV
VH2 OV fault status
2
VH3_OV
VH3 OV fault status
3
VH4_OV
VH4 OV fault status
4
VH1_UV
VH1 UV fault status
5
VH2_UV
VH2 UV fault status
6
VH3_UV
VH3 UV fault status
7
VH4_UV
VH4 UV fault status
Table 77. VPx_OV_STATUS and VPx_UV_STATUS Mapping
Bit
Field
Description
0
VP1_OV/UV
VP1 OV/UV fault status
1
VP2_OV/UV
VP2 OV/UV fault status
2
VP3_OV/UV
VP3 OV/UV fault status
3
VP4_OV/UV
VP4 OV/UV fault status
4
VP5_OV/UV
VP5 OV/UV fault status
5
VP6_OV/UV
VP6 OV/UV fault status
6
VP7_OV/UV
VP7 OV/UV fault status
7
VP8_OV/UV
VP8 OV/UV fault status
8
VP9_OV/UV
VP9 OV/UV fault status
9
VP10_OV/UV
VP10 OV/UV fault status
10
VP11_OV/UV
VP11 OV/UV fault status
11
VP12_OV/UV
VP12 OV/UV fault status
[12:15]
Reserved
Reserved
Table 78. GPIO_IN_STATUS and GPIO_OUT_STATUS Mapping
Bit
Field
Description
0
GPIO1_IN/OUT_STATUS
GPIO1 input/output status
1
GPIO2_IN/OUT_STATUS
GPIO2 input/output status
2
GPIO3_IN/OUT_STATUS
GPIO3 input/output status
[3:5]
Reserved
Reserved
6
GPIO8_IN/OUT_STATUS
GPIO8 input/output status
7
GPIO9_IN/OUT_STATUS
GPIO9 input/output status
8
GPIO4_IN/OUT_STATUS
GPIO4 input/output status
9
GPIO5_IN/OUT_STATUS
GPIO5 input/output status
10
GPIO6_IN/OUT_STATUS
GPIO6 input/output status
11
GPIO7_IN/OUT_STATUS
GPIO7 input/output status
[12:15]
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62