| Moteur de recherche de fiches techniques de composants électroniques |
|
AR8327-AL1A-R Fiches technique(PDF) 375 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AR8327-AL1A-R Fiches technique(HTML) 375 Page - List of Unclassifed Manufacturers |
|
375 / 394 page ![]() Atheros Communications, Inc. AR8327/AR8327N Seven-port Gigabit Ethernet Switch • 375 Table 3-397. PCS Control1 Bit Symbol Type Description 15:12 Reserved Mode R/W Always 0. HW Rst 0 SW Rst 0 11 Tx lp idle received Mode R/O When read as 1, it indicates that the transmit PCS has received low power idle signaling one or more times since the register was last read. Lach High. HW Rst 0 SW Rst 0 10 Rx lp idle received Mode R/W When read as 1, it indicates that the recive PCS has received low power idle signaling one or more times since the register was last read. Lach High. HW Rst 0 SW Rst 0 9 Tx lp idle indication Mode R/W When read as 1, it indicates that the transmit PCS is currently receiving low power idle signals. HW Rst 0 SW Rst 0 8 Rx lp idle indication Mode R/W When read as 1, it indicates that the receive PCS is currently receiving low power idle signals. HW Rst 0 SW Rst 0 7:0 Reserved Mode R/O Always 0 HW Rst 0 SW Rst 0 |