| Moteur de recherche de fiches techniques de composants électroniques |
|
STV0974 Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV0974 Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 69 page ![]() 30/61 STV0974 Functional description 4.6.5 JPEG data on 8-bit parallel with qualification clock This interface outputs JPEG on parallel 8-bit IOs. Different synchronization can be provided, as described in Figure 17. There are no defined lines in a JPEG data stream. The whole stream is output as a single frame line with VSYNC and HSYNC asserted together. Polarities of HSYNC, VSYNC and HCLK are programmable. Extra bytes can be added at the end of the image to ease the host DMA task. Figure 17: JPEG data output JPEG 8-bit data Data0 Data1 Data2 no data no data Data3 no data HSYNC VSYNC HCLKx2 HCLKx2 |