Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV0974 Fiches technique(PDF) 67 Page - STMicroelectronics

No de pièce STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Fiches technique(HTML) 67 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 61Page - STMicroelectronics STV0974 Datasheet HTML 62Page - STMicroelectronics STV0974 Datasheet HTML 63Page - STMicroelectronics STV0974 Datasheet HTML 64Page - STMicroelectronics STV0974 Datasheet HTML 65Page - STMicroelectronics STV0974 Datasheet HTML 66Page - STMicroelectronics STV0974 Datasheet HTML 67Page - STMicroelectronics STV0974 Datasheet HTML 68Page - STMicroelectronics STV0974 Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
Evaluation kit and demonstration boards
STV0974
67/61
9
Evaluation kit and demonstration boards
A number of support kits are available. The evaluation kit is recommended for evaluation and
system integration as it is an open system and electrical connections can be made from the EVK to
the host system. The demonstration boards are small kits that do not allow hard connections to the
customers system.
Table 46: Ordering details
Part Number
Description
STV-974-/552S-E01
Evaluation kit including base board, STV0974 plug in, flex attached VS6552 plug-in and
socketed VS6552 plug-in
STV-974/552S-R01
Demonstration board with flex attached VS6552
STV-974/552S-R02
Demonstration board with socketed VS6552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69