Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

106963 Fiches technique(PDF) 25 Page - PHOENIX CONTACT

No de pièce 106963
Description  TRIO-PS-2G/1AC/12DC/5/C2LPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106963 Fiches technique(HTML) 25 Page - PHOENIX CONTACT

Back Button 106963 Datasheet HTML 17Page - PHOENIX CONTACT 106963 Datasheet HTML 18Page - PHOENIX CONTACT 106963 Datasheet HTML 19Page - PHOENIX CONTACT 106963 Datasheet HTML 20Page - PHOENIX CONTACT 106963 Datasheet HTML 21Page - PHOENIX CONTACT 106963 Datasheet HTML 22Page - PHOENIX CONTACT 106963 Datasheet HTML 23Page - PHOENIX CONTACT 106963 Datasheet HTML 24Page - PHOENIX CONTACT 106963 Datasheet HTML 25Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
TRIO-PS-2G/1AC/12DC/5/C2LPS
106963_en_00
25 / 25
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
phoenixcontact.com
17.4
Increasing power
The output current can be increased to n x I
N in the case of
n parallel connected devices. Parallel connection for
increasing power is used when extending existing systems.
A parallel connection is recommended if the power supply
unit does not cover the current consumption of the most
powerful load. Otherwise, the load should be distributed
between individual devices that are independent from one
another.
Figure 24
Schematic diagram of increased performance
+
–
+–
Σ =2xI
N
-
+
I
N
-
+
I
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25