Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

106963 Fiches technique(PDF) 16 Page - PHOENIX CONTACT

No de pièce 106963
Description  TRIO-PS-2G/1AC/12DC/5/C2LPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106963 Fiches technique(HTML) 16 Page - PHOENIX CONTACT

Back Button 106963 Datasheet HTML 12Page - PHOENIX CONTACT 106963 Datasheet HTML 13Page - PHOENIX CONTACT 106963 Datasheet HTML 14Page - PHOENIX CONTACT 106963 Datasheet HTML 15Page - PHOENIX CONTACT 106963 Datasheet HTML 16Page - PHOENIX CONTACT 106963 Datasheet HTML 17Page - PHOENIX CONTACT 106963 Datasheet HTML 18Page - PHOENIX CONTACT 106963 Datasheet HTML 19Page - PHOENIX CONTACT 106963 Datasheet HTML 20Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
TRIO-PS-2G/1AC/12DC/5/C2LPS
106963_en_00
PHOENIX CONTACT 16 / 25
11
Mounting/removal
11.1
Assembly
Position the module with the DIN rail guide on the upper
edge of the DIN rail, and snap it in with a downward motion.
Figure 7
Assembly on standard DIN rail
11.2
Removal
Pull the snap lever open with the aid of a screwdriver and
slide the module out at the lower edge of the DIN rail.
Figure 8
Removing the DIN rail
12
Device connection terminal blocks
12.1
Push-in connection technology
All connection terminal blocks on the power supply have
push-in connection technology on the front. The power
supply is wired by simply plugging in the connecting cables,
no tools are required. For the necessary connection
parameters for the terminal blocks, please refer to the
technical data.
12.1.1 Plug in connecting cable
The wiring is carried out by simply plugging the connecting
cable into the contact opening provided. Insert the
connecting cable as far as it will go.
Figure 9
Insert connecting cable (push-in connection
technology)
12.1.2 Loosen the connecting cable
To disconnect the wiring, take a suitable screwdriver and
insert it into the opening for release. Then carefully pull the
connecting cable out of the contact opening.
Figure 10
Release connecting cable (push-in connection
technology)
B
A
Click
B
A
C
D
A
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25