Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCD1284 Fiches technique(PDF) 47 Page - Intel Corporation

No de pièce SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Fiches technique(HTML) 47 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 43Page - Intel Corporation SCD1284 Datasheet HTML 44Page - Intel Corporation SCD1284 Datasheet HTML 45Page - Intel Corporation SCD1284 Datasheet HTML 46Page - Intel Corporation SCD1284 Datasheet HTML 47Page - Intel Corporation SCD1284 Datasheet HTML 48Page - Intel Corporation SCD1284 Datasheet HTML 49Page - Intel Corporation SCD1284 Datasheet HTML 50Page - Intel Corporation SCD1284 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
47
Figure 7. Interrupt Generation Logic (Continued)
DataErr
(PFSR[0])
OneChar
(PFSR[1])
Timeout
(PFSR[5])
PPort
(PIR[6])
Pipeline
(PIR[5])
DMAwrerr
(DER[7])
(DMAACK* w/o
DMAREQ*)
DMArderr (DER[6])
(DMAACK* w/o
DMAREQ*)
Bufwrerr (DER[5])
(write to non-empty
DMABUF)
HR1wrerr
(DER[3])
(write to non-
empty HR1)
HR1rderr
(DER[2])
(Read from
empty HR1))
HR2wrerr
(DER[1])
(Write to non-
empty HR2)
PPireq
(PIR[7])
IntEn
(PFCR[4])
Pipeline
(PIR[5])
OneChar
(PFSR[1])
Timeout
(PFSR[5])
Interface in forward direction,
PFHR2 full, PFHR1 empty, and
Timeout (PFSR[5]) is set.
Stale (PFSR[3]) transitions from false to true
and:
DMA is disabled.
DMA is enabled, but DMABUF is empty (else, a
DMAREQ* is generated, then a timeout interrupt
is generated when the DMABUF is empty and all
DMA cycles are complete.
SRP
(SVRR[3])
ErrEn
(PFCR[1])
DataErr
(PFSR[0])
Bufrderr (DER[4])
(Read from empty
DMABUF)
HR2rderr
(DER[0])
(Read from
empty HR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More