Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCD1284 Fiches technique(PDF) 23 Page - Intel Corporation

No de pièce SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Fiches technique(HTML) 23 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 19Page - Intel Corporation SCD1284 Datasheet HTML 20Page - Intel Corporation SCD1284 Datasheet HTML 21Page - Intel Corporation SCD1284 Datasheet HTML 22Page - Intel Corporation SCD1284 Datasheet HTML 23Page - Intel Corporation SCD1284 Datasheet HTML 24Page - Intel Corporation SCD1284 Datasheet HTML 25Page - Intel Corporation SCD1284 Datasheet HTML 26Page - Intel Corporation SCD1284 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
23
DSR[3,2]*
23, 28
I
DATA SET READY: These are active-low inputs for serial channels two and three.
CD[3,2]
24, 29
I
CARRIER DETECT: These are active-low inputs for serial chanels two and three.
RI[3,2]
14, 15
I
RING INDICATOR: These are active-low inputs for chanels two and three.
Table 1.
Pin Descriptions (Sheet 4 of 4)
Symbol
Pin No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More