Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V680-HS65-R-12.5M Fiches technique(PDF) 47 Page - Omron Electronics LLC

No de pièce V680-HS65-R-12.5M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS65-R-12.5M Fiches technique(HTML) 47 Page - Omron Electronics LLC

Back Button V680-HS65-R-12.5M Datasheet HTML 43Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 44Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 45Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 46Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 47Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 48Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 49Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 50Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 51Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
47
V680 Series
TAT When Using an ID Controller (Reference Values)
TAT (Turn Around Time)
TAT refers to the total time required from the point at which a host device (such as a personal computer) starts sending a command until a response
is received.
Command send time:
This is the time required for sending a command from the host device to the Controller.
It varies depending on the communications speed and format.
RF Tag communication time: This is the time required for communication between the Antenna and the RF Tag.
Response receipt time:
This is the time required for returning a response from the Controller to the host device.
It varies depending on the communications speed and format.
• For an ordinary command
• Expansion Read Command
• Expansion Write Command
TAT = Command send time + RF Tag communication time + response
RDA1
CR
RD001234
CR
TAT
RF Tag
communication time
(Command)
Response
XRA1
CR
CR
CR
CR
CR
ID Controller
Host
TAT
(Command)
Command send time
Communications
time with Tag
Frame 1
(Response 1)
Frame 2
(Response 2)
Frame n-1
(Response n-1)
Frame n
(Response n)
(Delimiter)
(Delimiter)
(Delimiter)
(Delimiter)
Response reception time
XWA1
CR
CR
CR
CR
CR
CR
XW00 CR
ID Controller
TAT
(Command)
(Response 1)
(Response 2)
(Response n-1)
Host
Command send time
Communications
time with Tag
(Response n)
Response
reception time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59