Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V680-HS65-R-12.5M Fiches technique(PDF) 32 Page - Omron Electronics LLC

No de pièce V680-HS65-R-12.5M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS65-R-12.5M Fiches technique(HTML) 32 Page - Omron Electronics LLC

Back Button V680-HS65-R-12.5M Datasheet HTML 28Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 29Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 30Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 31Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 32Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 33Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 34Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 35Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
V680 Series
32
1-kbyte Memory Bolt RF Tags
High-temperature Type 1-kbyte Memory RF Tags
V680-HS65 (mounted on metallic material) &
V680-D1KP66T-SP (mounted on non-metallic material)
V680-HS52 (embedded in non-metallic material) &
V680-D1KP66MT (mounted on metallic surface: steel)
V680-HS63 (mounted on non-metallic material) &
V680-D1KP66MT (mounted on metallic surface: steel)
V680-HS65 (mounted on metallic material) &
V680-D1K66MT (mounted on metallic surface: steel)
V680-HS51 (embedded in metallic material) &
V680-D1KP52M-BT01 (mounted in metal/non-metallic material)
V680-HS51 (embedded in metallic material) &
V680-D1KP52M-BT11 (mounted in metal/non-metallic material)
V680-HS52 (embedded in non-metallic material) &
V680-D1KP52M-BT01 (mounted in metal/non-metallic material)
V680-HS65 (with metal on back surface) &
V680-D1KP58HTN
V680-H01-V2 and V680-D1KP58HTN
0
–60
–100
–40
–20
20
40
60
X
–80
80
40
60
80
20
100
Y
Read
Write
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
Read
Write
X
Y
0
–60
–100
–40
–20
20
40
60
X
–80
80
40
60
80
20
100
Y
Read
Write
X
Y
0
–60
–100
–40
–20
20
40
60
X
–80
80
40
60
80
20
100
Y
Read
Write
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
X
Y
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
X
Y
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
X
Y
-250
-200
-150
-100
-50
0
50
100
150
200
X
Read
Write
Y
200
150
100
50
-250
-200
-150
-100
-50
0
50
100
150
200
X
Read
Write
Y
200
150
100
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59