| Moteur de recherche de fiches techniques de composants électroniques |
|
V680-HS65-R-12.5M Fiches technique(PDF) 27 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS65-R-12.5M Fiches technique(HTML) 27 Page - Omron Electronics LLC |
|
27 / 59 page ![]() 27 V680 Series * The Antenna can be mounted in metal, but the communications distance will decrease compared to mounting in nonmetal. Confirm performance using the actual devices before actual operation. Recommended combination Function Communication range (unit: mm) RF Tag and Antenna mounting conditions RF Tag Antenna V680S-D2KF68M V680-HS63 Read distance 5.0 to 35.0 (axis offset ±10) Write distance 5.0 to 35.0 (axis offset ±10) V680-HS65 Read distance 5.0 to 55.0 (axis offset ±10) Write distance 5.0 to 55.0 (axis offset ±10) V680-D2KF52M V680-HS51 Read distance 0.5 to 5.5 (axis offset ±2) Write distance 0.5 to 5.5 (axis offset ±2) V680-HS52 Read distance 0.5 to 8.0 (axis offset ±2) Write distance 0.5 to 8.0 (axis offset ±2) V680-HS63 Read distance 0.5 to 9.5 (axis offset ±2) Write distance 0.5 to 9.5 (axis offset ±2) V680-D2KF52M (embedded in metallic surface: steel) V680-HS51 Read distance 0.5 to 3.5 (axis offset ±2) Write distance 0.5 to 3.5 (axis offset ±2) V680-HS52 Read distance 0.5 to 3.0 (axis offset ±2) Write distance 0.5 to 3.0 (axis offset ±2) V680-HS63 V680S- D2KF68M Non-metallic Metallic Resin, plastic, wood, etc. V680-HS65 V680S- D2KF68M Metallic Metallic V680-D2KF52M V680-HS51 Metallic Non-metallic Resin, plastic, wood, etc. V680-D2KF52M V680-HS52 Non-metallic Non-metallic Resin, plastic, wood, etc. * Metallic V680-HS63 V680- D2KF52M Metallic Resin, plastic, wood, etc. * V680-D2KF52M V680-HS51 Metallic Metallic V680-D2KF52M V680-HS52 Metallic Non-metallic * |