| Moteur de recherche de fiches techniques de composants électroniques |
|
V680-HS63-R-12.5M Fiches technique(PDF) 38 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS63-R-12.5M Fiches technique(HTML) 38 Page - Omron Electronics LLC |
|
38 / 59 page ![]() V680 Series 38 DeviceNet ID Slave (When Using the V680-HAM42-DRT) PROFIBUS ID Slave (When Using the V680-HAM42-PRT) ID Flag Sensors (When Using the V680-HAM91/-HAM81) 1-kbyte Memory RF Tag The values given for communications ranges are reference values. Refer to pages 24 to 25, 29 for communications distance specifications. For information on the combinations that can be used, refer to Combinations of Amplifier Units, Antennas, and RF Tags on pages 2 to 3. The communications distance will depend on the RF Tags, ambient temperature, surrounding metal, noise, and other factors. Test operation completely when installing a system. V680-HS52 (embedded in non-metallic material) & V680-D1KP52MT (embedded in non-metallic material) V680-HS52 (embedded in non-metallic material) & V680-D1KP52MT (embedded in metallic surface: steel) V680-HS51 (embedded in metallic material) & V680-D1KP52MT (embedded in non-metallic material) V680-HS51 (embedded in metallic material) & V680-D1KP52MT (embedded in metallic surface: steel) V680-HS63 (mounted on non-metallic material) & V680-D1KP52MT (embedded in non-metallic material) V680-HS52 (embedded in non-metallic material) & V680-D1KP66T (mounted on non-metallic material) V680-HS63 (mounted on non-metallic material) & V680-D1KP66T (mounted on non-metallic material) V680-HS65 (mounted on metallic material) & V680-D1KP66T (mounted on non-metallic material) V680-HS52 (embedded in non-metallic material) & V680-D1KP66T-SP (embedded in non-metallic material) V680-HS63 (mounted on non-metallic material) & V680-D1KP66T-SP (mounted on non-metallic material) 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y Read Write 0 –60 –100 –40 –20 20 40 60 X –80 80 40 60 80 20 100 Y 0 –60 –100 –40 –20 20 40 60 X –80 80 40 60 80 20 100 Y Read Write X Y 0 –60 –100 –40 –20 20 40 60 X –80 80 40 60 80 20 100 Y Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y 0 –60 –100 –40 –20 20 40 60 X –80 80 40 60 80 20 100 Y X Y Read Write |