Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V680-HS63-R-12.5M Fiches technique(PDF) 35 Page - Omron Electronics LLC

No de pièce V680-HS63-R-12.5M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS63-R-12.5M Fiches technique(HTML) 35 Page - Omron Electronics LLC

Back Button V680-HS63-R-12.5M Datasheet HTML 31Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 32Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 33Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 34Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 35Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 36Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 37Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 38Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
35
V680 Series
2-kbyte Memory Bolt RF Tags
8-kbyte Memory RF Tag
The values given for communications ranges are reference values. Refer to pages 21 to 22 for communications distance specifications. The
communications distance will depend on the RF Tags, ambient temperature, surrounding metal, noise, and other factors. Test operation completely
when installing a system.
V680-HS63 (mounted on non-metallic material) &
V680-D2KF52M (embedded in non-metallic material)
V680-HS52 (embedded in Non-Metal) &
V680S-D2KF67 (mounted on non-metallic material)
V680-HS51 (embedded in metallic material) &
V680-D2KF52M-BT01 (mounted in metal/non-metallic material)
V680-HS51 (embedded in metallic material) &
V680-D2KF52M-BT11 (mounted in metal/non-metallic material)
V680-HS52 (embedded in non-metallic material) &
V680-D2KF52M-BT01 (mounted in metal/non-metallic material)
V680-HS52 (embedded in non-metallic material) &V680S-D8KF67 V680-HS63 (mounted on non-metallic material) &V680S-D8KF67
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
X
Y
Read
Write
Read
Write
40
60
80
20
100
Y
X
Y
0
–60
–100
–40
–20
20
40
60
X
–80
80
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
X
Y
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
X
Y
0
–30
–40
–20
–10
10
20
30
X
20
30
10
Y
X
Y
40
60
80
20
100
Y
-100 -80
-60
-40
-20
0
20
40
60
80
X
Y
X
• Read/Write
40
60
80
20
100
Y
-100 -80
-60
-40
-20
0
20
40
60
80
X
Y
X
• Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59