Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V680-HS63-R-12.5M Fiches technique(PDF) 27 Page - Omron Electronics LLC

No de pièce V680-HS63-R-12.5M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS63-R-12.5M Fiches technique(HTML) 27 Page - Omron Electronics LLC

Back Button V680-HS63-R-12.5M Datasheet HTML 23Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 24Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 25Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 26Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 27Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 28Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 29Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 30Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
27
V680 Series
* The Antenna can be mounted in metal, but the communications distance will decrease compared to mounting in nonmetal.
Confirm performance using the actual devices before actual operation.
Recommended combination
Function
Communication
range
(unit: mm)
RF Tag and Antenna mounting conditions
RF Tag
Antenna
V680S-D2KF68M
V680-HS63
Read
distance
5.0 to 35.0
(axis offset ±10)
Write
distance
5.0 to 35.0
(axis offset ±10)
V680-HS65
Read
distance
5.0 to 55.0
(axis offset ±10)
Write
distance
5.0 to 55.0
(axis offset ±10)
V680-D2KF52M
V680-HS51
Read
distance
0.5 to 5.5
(axis offset ±2)
Write
distance
0.5 to 5.5
(axis offset ±2)
V680-HS52
Read
distance
0.5 to 8.0
(axis offset ±2)
Write
distance
0.5 to 8.0
(axis offset ±2)
V680-HS63
Read
distance
0.5 to 9.5
(axis offset ±2)
Write
distance
0.5 to 9.5
(axis offset ±2)
V680-D2KF52M
(embedded in metallic
surface: steel)
V680-HS51
Read
distance
0.5 to 3.5
(axis offset ±2)
Write
distance
0.5 to 3.5
(axis offset ±2)
V680-HS52
Read
distance
0.5 to 3.0
(axis offset ±2)
Write
distance
0.5 to 3.0
(axis offset ±2)
V680-HS63
V680S-
D2KF68M
Non-metallic
Metallic
Resin,
plastic,
wood, etc.
V680-HS65
V680S-
D2KF68M
Metallic
Metallic
V680-D2KF52M
V680-HS51
Metallic
Non-metallic
Resin,
plastic,
wood, etc.
V680-D2KF52M
V680-HS52
Non-metallic
Non-metallic
Resin,
plastic,
wood, etc.
*
Metallic
V680-HS63
V680-
D2KF52M
Metallic
Resin,
plastic,
wood, etc.
*
V680-D2KF52M
V680-HS51
Metallic
Metallic
V680-D2KF52M
V680-HS52
Metallic
Non-metallic
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59