| Moteur de recherche de fiches techniques de composants électroniques |
|
CM312 Fiches technique(PDF) 53 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CM312 Fiches technique(HTML) 53 Page - List of Unclassifed Manufacturers |
|
53 / 56 page ![]() CM312 Quad Serial utilityModule 43 RTD Embedded Technologies, Inc. Ethernet frames The following are standard Ethernet frames. • ETHERNET_II Primarily used by TPC/IP • ETHERNET_802.3 Default frame for Netware 3.11 • ETHERNET_802.2 Default frame for Netware 3.12 and 4.x • ETHERNET_SNAP Primarily used by Appletalk IEEE 802 MAC number The CM202 utilityModule is identified with an Organizationally Unique Identifier (OUI) and company_id number: 00-D0-81 The MAC (Media Access Control) number of the utilityModule is thus: 00-D0-81-xx-xx-xx where the last three bytes are the serial number of the board, unique for each adapter. |