| Moteur de recherche de fiches techniques de composants électroniques |
|
CM312 Fiches technique(PDF) 45 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CM312 Fiches technique(HTML) 45 Page - List of Unclassifed Manufacturers |
|
45 / 56 page ![]() CM312 Quad Serial utilityModule 35 RTD Embedded Technologies, Inc. a:\net\net initialize a:\net\nwlink a:\net\net start net use z: \\SERVER_NT\Clients echo Running Setup... z:\msclient\netsetup\setup.exe /$ CONFIG.SYS files=30 device=a:\net\ifshlp.sys lastdrive=z DEVICE=A:\NET\HIMEM.SYS DEVICE=A:\NET\EMM386.EXE NOEMS DOS=HIGH,UMB PROTOCOL.INI [network.setup] version=0x3110 netcard=ms$ne2clone,1,MS$NE2CLONE,1 transport=ms$ndishlp,MS$NDISHLP transport=ms$nwlink,MS$NWLINK lana0=ms$ne2clone,1,ms$nwlink lana1=ms$ne2clone,1,ms$ndishlp [ms$ne2clone] drivername=MS2000$ INTERRUPT=5 IOBASE=0x360 ; SlotNumber=1 [protman] drivername=PROTMAN$ PRIORITY=MS$NDISHLP [MS$NDISHLP] drivername=ndishlp$ BINDINGS=ms$ne2clone [ms$nwlink] drivername=nwlink$ FRAME=Ethernet_802.2 BINDINGS=ms$ne2clone LANABASE=0 Packet Drivers The packet driver is loaded using the following syntax: NE2000 [-n] [-d] [-w] <packet_int_no> <int_level> <io_addr> Using the default settings, this would be entered as: |