Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CM312 Fiches technique(PDF) 21 Page - List of Unclassifed Manufacturers

No de pièce CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

CM312 Fiches technique(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 17Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 18Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 19Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 20Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 21Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 22Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 23Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 24Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
CM312 Quad Serial utilityModule
11
RTD Embedded Technologies, Inc.
Chapter 2
INSTALLING THE UTILITYMODULE
Since the utilityModule uses a PC/104 stackthrough bus, the only hardware installation you will do
is placing the module to the PC/104 stack. To do this, you will connect the PC/104 bus connector
with the matching connector of another module.
Recommended Procedure
We recommend you follow the procedure below to ensure that stacking of the modules does not
damage connectors or electronics.
•
Turn off power to the PC/104 system or stack.
•
Select and install standoffs to properly position the utilityModule on the PC/104 stack.
•
Touch a grounded metal part of the stack to discharge any buildup of static electricity.
•
Remove the utilityModule from its anti-static bag.
•
Check that keying pins in the PC/104 bus connector are properly positioned.
•
Check the stacking order: make sure an XT bus card will not be placed between two AT bus
cards, or it will interrupt the AT bus signals.
•
Hold the utilityModule by its edges and orient it so the bus connector pins line up with the
matching connector on the stack.
•
Gently and evenly press the utilityModule onto the PC/104 stack.
CAUTION: Do not force the module onto the stack! Wiggling the module or applying too much
force may damage it. If the module does not readily press into place, remove it, check
for bent pins or out-of-place keying pins, and try again.
Connecting the utilityModule
The following sections describe connectors of the utilityModule.
Finding Pin 1 of Connectors
A white area silk-screened on the PC board indicates pin 1 of connectors. A square solder pad
visible on the bottom of the PC board also indicates it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56