| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS2309 Fiches technique(PDF) 8 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS2309 Fiches technique(HTML) 8 Page - Integrated Circuit Systems |
|
8 / 9 page ![]() 3.3 VOLT ZERO DELAY, LOW SKEW BUFFER MDS 2309 D 8 Revision 052405 In te gr ated Circuit Systems ● 5 25 Race Stree t, San Jose, CA 951 26 ● te l (40 8) 2 97-12 01 ● www.icst.com ICS2309 Ordering Information Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature ICS2309MI-1 ICS2309MI-1 Tubes 16-pin SOIC -40 to +85 ° C ICS2309MI-1T ICS2309MI-1 Tape and Reel 16-pin SOIC -40 to +85 ° C ICS2309M-1 ICS2309M-1 Tubes 16-pin SOIC 0 to +70 ° C ICS2309M-1T ICS2309M-1 Tape and Reel 16-pin SOIC 0 to +70 ° C ICS2309MI-1H ICS2309MI-1H Tubes 16-pin SOIC -40 to +85 ° C ICS2309MI-1HT ICS2309MI-1H Tape and Reel 16-pin SOIC -40 to +85 ° C ICS2309M-1H ICS2309M-1H Tubes 16-pin SOIC 0 to +70 ° C ICS2309M-1HT ICS2309M-1H Tape and Reel 16-pin SOIC 0 to +70 ° C ICS2309GI-1H 2309GI1H Tubes 16-pin TSSOP -40 to +85 ° C ICS2309GI-1HT 2309GI1H Tape and Reel 16-pin TSSOP -40 to +85 ° C ICS2309GI-1HLF 309GI1HL Tubes 16-pin TSSOP -40 to +85 ° C ICS2309GI-1HLFT 309GI1HL Tape and Reel 16-pin TSSOP -40 to +85 ° C ICS2309G-1H 2309G-1H Tubes 16-pin TSSOP 0 to +70 ° C ICS2309G-1HT 2309G-1H Tape and Reel 16-pin TSSOP 0 to +70 ° C ICS2309G-1HLF 2309G1HL Tubes 16-pin TSSOP 0 to +70 ° C ICS2309G-1HLFT 2309G1HL Tape and Reel 16-pin TSSOP 0 to +70 ° C |