Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMP82C55AZ Fiches technique(PDF) 23 Page - Renesas Technology Corp

No de pièce CMP82C55AZ
Description  CMOS Programmable Peripheral Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CMP82C55AZ Fiches technique(HTML) 23 Page - Renesas Technology Corp

Back Button CMP82C55AZ Datasheet HTML 18Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 19Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 20Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 21Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 22Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 23Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 24Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 25Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 26Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
MS82C55A, MQ82C55A, MP82C55A
FN6140 Rev 2.00
Page 23 of 26
June 15, 2006
Die Characteristics
METALLIZATION:
Type: Silicon - Aluminum
Thickness: 11k
Å 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å 1kÅ
Metallization Mask Layout
82C55A
RD
PA0 PA1
PA2
PA3
PA4
PA5 PA6
PA7 WR
CS
GND
A0
PC7
PC6
PC5
PC4
PC0
PC1
PC2 PC3 PB0 PB1 PB2 PB3 PB4 PB5 PB6 PB7
VCC
D6
D5
D4
D3
D2
D1
D0
RESET
D7
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26