| Moteur de recherche de fiches techniques de composants électroniques |
|
CMP82C55AZ Fiches technique(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
CMP82C55AZ Fiches technique(HTML) 8 Page - Renesas Technology Corp |
|
8 / 26 page ![]() MS82C55A, MQ82C55A, MP82C55A FN6140 Rev 2.00 Page 8 of 26 June 15, 2006 CONTROL WORD #5 CONTROL WORD #9 CONTROL WORD #6 CONTROL WORD #10 CONTROL WORD #7 CONTROL WORD #11 CONTROL WORD #12 CONTROL WORD #14 Mode 0 Configurations (Continued) 1 D7 0 D6 0 D5 0 D4 1 D3 0 D2 0 D1 1 D0 8 PA7 - PA0 4 PC7 - PC4 4 PC3 - PC0 8 PB7 - PB0 D7 - D0 82C55A A B C 1 D7 0 D6 0 D5 1 D4 0 D3 0 D2 0 D1 1 D0 8 PA7 - PA0 4 PC7 - PC4 4 PC3 - PC0 8 PB7 - PB0 D7 - D0 82C55A A B C 1 D7 0 D6 0 D5 0 D4 1 D3 0 D2 1 D1 0 D0 8 PA7 - PA0 4 PC7 - PC4 4 PC3 - PC0 8 PB7 - PB0 D7 - D0 82C55A A B C 1 D7 0 D6 0 D5 1 D4 0 D3 0 D2 1 D1 0 D0 8 PA7 - PA0 4 PC7 - PC4 4 PC3 - PC0 8 PB7 - PB0 D7 - D0 82C55A A B C 1 D7 0 D6 0 D5 0 D4 1 D3 0 D2 1 D1 1 D0 8 PA7 - PA0 4 PC7 - PC4 4 PC3 - PC0 8 PB7 - PB0 D7 - D0 82C55A A B C 1 D7 0 D6 0 D5 1 D4 0 D3 0 D2 1 D1 1 D0 8 PA7 - PA0 4 PC7 - PC4 4 PC3 - PC0 8 PB7 - PB0 D7 - D0 82C55A A B C 1 D7 0 D6 0 D5 1 D4 1 D3 0 D2 0 D1 0 D0 8 PA7 - PA0 4 PC7 - PC4 4 PC3 - PC0 8 PB7 - PB0 D7 - D0 82C55A A B C 1 D7 0 D6 0 D5 1 D4 1 D3 0 D2 1 D1 0 D0 8 PA7 - PA0 4 PC7 - PC4 4 PC3 - PC0 8 PB7 - PB0 D7 - D0 82C55A A B C |