Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMP82C55AZ Fiches technique(PDF) 13 Page - Renesas Technology Corp

No de pièce CMP82C55AZ
Description  CMOS Programmable Peripheral Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CMP82C55AZ Fiches technique(HTML) 13 Page - Renesas Technology Corp

Back Button CMP82C55AZ Datasheet HTML 9Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 10Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 11Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 12Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 13Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 14Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 15Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 16Page - Renesas Technology Corp CMP82C55AZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
MS82C55A, MQ82C55A, MP82C55A
FN6140 Rev 2.00
Page 13 of 26
June 15, 2006
MODE 2 AND MODE 0 (INPUT)
MODE 2 AND MODE 0 (OUTPUT)
MODE 2 AND MODE 1 (OUTPUT)
MODE 2 AND MODE 1 (INPUT)
FIGURE 14. MODE 2 COMBINATIONS
1
D7
1
D6 D5 D4 D3 D2 D1 D0
CONTROL WORD
PC7
8
STBA
PA7-PA0
OBFA
IBFA
PC5
PC2-PC0
3
RD
PC2-PC0
1 = INPUT
0 = OUTPUT
ACKA
PC6
INTRA
PC3
I/O
PC4
PB7-PB0
01
1/0
8
WR
1
D7
1
D6 D5 D4 D3 D2 D1 D0
CONTROL WORD
PC7
8
STBA
PA7-PA0
OBFA
IBFA
PC5
PC2-PC0
3
RD
PC2-PC0
1 = INPUT
0 = OUTPUT
ACKA
PC6
INTRA
PC3
I/O
PC4
PB7, PB0
00
1/0
8
WR
1
D7
1
D6 D5 D4 D3 D2 D1 D0
CONTROL WORD
PC7
8
STBA
PA7-PA0
OBFA
IBFA
PC5
RD
ACKA
PC6
INTRA
PC3
PC4
PB7-PB0
10
8
WR
PC1
OBFB
ACKB
PC2
PC0
INTRB
1
D7
1
D6 D5 D4 D3 D2 D1 D0
CONTROL WORD
PC7
8
STBA
PA7-PA0
OBFA
IBFA
PC5
RD
ACKA
PC6
INTRA
PC3
PC4
PB7-PB0
11
8
WR
PC2
STBB
PC1
PC0
INTRB
IBFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26